PART |
Description |
Maker |
CT-13D1-1W |
3000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
|
CET Technology, LLC
|
CT-13DS1 |
3000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
|
CET Technology, LLC
|
SAA5497 SAA5297PS SAA5496H SAA5X9X SAA5296AH SAA52 |
Economy teletext and TV microcontrollers INNOLINE: Rxx-100_150A - Compact High Voltage Power Supplies - 5 Watt in Low Profile DIP24 Package - 3000VDC Isolation - Remote Voltage Programming
|
NXP Semiconductors N.V. Philips Semiconductors
|
BL-S4148 BL-S31149A BL-S31149 BL-SX1148 BL-S1132 B |
Orange, standard LED lamp (tower type) Hi-eff red, standard LED lamp (tower type) Ceramic Disc Capacitor; Capacitance:0.01uF; Capacitance Tolerance: /- 20%; Series:30GA; Voltage Rating:3000VDC; Capacitor Dielectric Material:Multilayer Ceramic; Lead Pitch:9.53mm; Termination:Radial Leaded ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% STANDARD LED LAMPS 标准LED节能 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 标准LED节能 Yellow, standard LED lamp (tower type)
|
YSTONE[Yellow Stone Corp] ETC 早安股份有限公司 Yellow Stone, Corp.
|
KB817C KB817CD KB817 KB817AB KB817AC KB817AD KB817 |
High Isolation Voltage Photocoupler GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
Kingbright Electronic KINGBRIGHT[Kingbright Corporation] Kingbright, Corp.
|
S2801 |
ISOLATION SINGLE PORT TRANSFORMER
|
Bothhand USA, LP.
|
C431T C431 C431E C431M C431N C431P C431PA C431PB C |
ECONOLINE: RU - Twin Independent Outputs- Output/Output Isolation 1kVDC- Power Sharing on Outputs- Input/Output Isolation 1kVDC- No Heatsink Required Phase Control SCR 450-600 Amperes Avg 500-1800 Volts 1800V, 600A phase control single thyristor
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
MAU416 MAU400 MAU401 MAU402 MAU403 MAU404 MAU405 M |
1 Watt Ultra High In/Out Isolation SIP DC/DC Converters 1W, Ultra High Isolation SIP SINGLE AND DUAL OUTPUT DC/DC Converters
|
etc TOTAL-POWER[Total Power International]
|
CT-13D-1W |
1000Vdc Isolation Single Output 1 Watt Dc-Dc Converter
|
CET Technology, LLC
|
TD301DCANH3 TD501DCANH3 |
SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
|
MORNSUN Science& Technology Ltd. MORNSUN Science& Techno...
|
A313RI |
High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
|
MicroPower Direct, LLC
|